Part Number Hot Search : 
2ADTR2 KBPC1 74HC107 C451N2 P9NA50 800122MA 125MENP HD64F2
Product Description
Full Text Search
 

To Download 2SC4582 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4582
DESCRIPTION *With TO-3PML package *High voltage,high speed *Switching power transistor
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PML) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Base current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 600 450 7 15 30 6 12 75 150 -55~150 UNIT V V V A A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.67 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4582
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector-emitter sustaining voltage Emitter cut-off current Collector cut-off current At rated voltage ICEO hFE-1 hFE-2 fT Collector cut-off current DC current gain DC current gain Transition frequency IC=7.5 A ; VCE=5V IC=1mA ; VCE=5V IC=1.5A ; VCE=10V 10 5 20 MHz 0.1 mA CONDITIONS IC=7.5A;IB=1.5 A IC=7.5A;IB=1.5 A IC=0.2A;IB=0 At rated voltage 450 0.1 MIN TYP. MAX 1.0 1.5 UNIT V V V mA
SYMBOL VCEsat VBEsat VCEO(SUS) IEBO ICBO
Switching times ton tstg tf Turn-on time Storage time Fall time IC=7.5A;RL=20B IB1=1.5A; IB2=3A VBB2=4V 0.5 2.0 0.2 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4582
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC4582

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X